Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7290B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7290B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
No. de pieza DIO7290B
Descarga  DIO7290B Descarga
Tamaño del archivo   391.94 Kbytes
Page   15 Pages
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Descripción Electrónicos Ultra-Small, Low-Input Voltage, Low RON Load Switch

DIO7290B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DIO7290B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7290B
Descarga  DIO7290B Click to download

Tamaño del archivo   391.94 Kbytes
Page   15 Pages
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Descripción Electrónicos Ultra-Small, Low-Input Voltage, Low RON Load Switch

DIO7290B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7290B Detalles de producto

Description
The DIO7290B device is low RON MOSEFT controlled by external logic pin, allowing optimization of battery life,
and portable device autonomy. It includes a P-channel MOSFET that operates over an input voltage range of
1.2 V to 5.5 V. An on/off input (ON) controls the switch that can interface with low voltage control signals. A 120
Ω on chip load resistor is added for output quick discharge when the switch is turned off. The DIO7290B is
packaged in WLCSP-4 with 0.4 mm pitch. It is characterized for operation over the free-air temperature rangeof -40°C to 85°C.
Features
 Low-input voltage: 1.2 V to 5.5 V
 Ultra-low on-state resistance
RON = 48 mΩ at VIN = 5.0 V
RON = 50 mΩ at VIN = 4.2 V
RON = 55 mΩ at VIN = 3.6 V
RON = 65 mΩ at VIN = 2.5 V
RON = 85 mΩ at VIN = 1.8 V
RON = 175 mΩ at VIN = 1.2 V
 DC current up to 2 A
 Ultra-low quiescent current: 67 nA at 1.8 V
 Ultra-low shutdown current: 33 nA at 1.8 V
 Low control input thresholds enable use of
1.2 V / 1.8 V / 3.6 V / 4.2 V / 5.0 V logic
 Controlled slew rate to avoid inrush current
 Package: WLCSP-4 (0.4 mm pitch)
Applications
 Cellular phones
 GPS devices
 Digital cameras
 Peripheral ports
 Portable instrumentation
 RF modules
 Personal digital assistants (PDAs)
 MP3 players




Número de pieza similar - DIO7290B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOO MICROCIRCUITS CO.,...
DIO7290 DIOO-DIO7290 Datasheet
768Kb / 14P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Rev 1.4
DIO7290U DIOO-DIO7290U Datasheet
888Kb / 18P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Apr 2026
DIO7290UWL4 DIOO-DIO7290UWL4 Datasheet
888Kb / 18P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Apr 2026
DIO7290WL4 DIOO-DIO7290WL4 Datasheet
768Kb / 14P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Rev 1.4
More results


Descripción similar - DIO7290B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com