| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZNC Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 218 page ![]() General Connectivity: • 6x Universal Asynchronous RX-TX (UART) • 4x Serial Peripheral Interface (SPI) controllers • 3x Local Interconnect Network (LIN) ports • 3x Inter-Integrated Circuit (I2C) ports • 2x Modular Controller Area Network (MCAN) modules with CAN-FD support • 1x Fast Serial Interface Transmitter (FSITX) • 1x Fast Serial Interface Receiver (FSIRX) • Up to 141x General Purpose I/O (GPIO) pins Sensing and Actuation: • Real-time Control Subsystem (CONTROLSS) • Flexible Input/Output Crossbars (XBAR) • 3x 12-bit Analog to Digital Converters (ADC) with 3 MSPS maximum sampling rate – Each ADC module with • 7x Single ended channels OR • 3x Differential channels – Highly configurable ADC digital logic • With selectable internal or external reference • 4x Post-Processing blocks for each ADC module • 9x Analog Comparators with internal 12-bit DAC reference (CMPSSA) • 1x 12 bit Digital to Analog Converter (DAC) • 10x Enhanced High Resolution Pulse Width Modulation (eHRPWM) modules – Single or Dual PWM channels – Advanced PWM Configurations – Enhanced HRPWM time resolution • 8x Enhanced Capture (ECAP) modules • 2x Enhanced Quadrature Encoder Pulse (EQEP) modules • 2x Sigma-Delta Filter Modules (SDFM) Data Storage • 1 × 4-bit Multi-Media Card/Secure Digital (MMC/SD) interface Security: • Hardware Security Module (HSM) with support for Auto SHE 1.1/EVITA • Targeted for ISO 21434 compliance • Secure boot support – Device Take Over Protection – Hardware enforced root-of-trust – Authenticated boot – SW Anti-rollback protection • Debug security – Secure device debug only after proper authentication – Ability to disable device debug functionality • Device ID and Key Management – Support for OTP Memory (FUSEROM) • Store root keys and other security fields – Separate EFUSE controllers and FUSE ROMs – Unique Device Public Identifiers • Memory Protection Units (MPU) – Dedicated Arm® MPU per Cortex®-R5F core – System MPU - present at various interfaces in the SoC (MPU or Firewall) – 8 to 16 Programmable Regions • Enable/Privilege ID • Start/End Address • Read/Write/Cachable • Secure/Non-Secure • Cryptographic acceleration – Cryptographic cores with DMA Support – AES - 128/192/256-bit key sizes – SHA2 - 256/384/512-bit support – DRBG with pseudo and true random number generator AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 2 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |