| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZNC Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] C9 D11 B9 GPIO15 GPIO15_CFG_REG 0x5310 003C 0x0000 05F7 SPI1_CS0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD EPWM7_A 1 O MMC0_D2 2 IO UART4_TXD 3 O PR1_PRU1_GPIO4 5 IO GPIO15 7 IO GPMC0_WAIT0 8 I ADC_EXTCH_XBAROUT4 9 O XBAROUT1 10 O A10 A12 B10 GPIO16 GPIO16_CFG_REG 0x5310 0040 0x0000 05F7 SPI1_CLK 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD EPWM7_B 1 O MMC0_D3 2 IO UART4_RXD 3 I PR1_PRU1_GPIO3 5 IO FSIRX0_CLK 6 I GPIO16 7 IO GPMC0_OEn_REn 8 O ADC_EXTCH_XBAROUT5 9 O XBAROUT2 10 O B10 D10 A9 GPIO17 GPIO17_CFG_REG 0x5310 0044 0x0000 05F7 SPI1_D0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD EPWM8_A 1 O MMC0_WP 2 I UART5_TXD 3 O OSPI0_ECC_FAIL 4 I PR1_PRU1_GPIO16 5 IO FSIRX0_DATA0 6 I GPIO17 7 IO GPMC0_DIR 8 O ADC_EXTCH_XBAROUT6 9 O XBAROUT3 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 24 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |