Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM261...ZNC Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza AM261...ZNC
Descripción Electrónicos  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 2Page - Texas Instruments AM261...ZNC Datasheet HTML 3Page - Texas Instruments AM261...ZNC Datasheet HTML 4Page - Texas Instruments AM261...ZNC Datasheet HTML 5Page - Texas Instruments AM261...ZNC Datasheet HTML 6Page - Texas Instruments AM261...ZNC Datasheet HTML 7Page - Texas Instruments AM261...ZNC Datasheet HTML 8Page - Texas Instruments AM261...ZNC Datasheet HTML 9Page - Texas Instruments AM261...ZNC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 218 page
background image
3.1 Functional Block Diagram
AM261x Functional Block Diagram is the functional block diagram for this device.
1.5 MB
SRAM with
ECC
AM261x
Industrial Connectivity
Realtime Cores
2x PRU-ICSS
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Memory
Subsystem
System Services
Power
Manager
System
Monitor
DMA
Debug
Firewall
IPC
Secure
Boot
DCC
ECC
ESM
Timers
TMU
TMU
Flash
Subsystem
(A)
OSPI1
UART
ECAP
MDIO
IEP
256KB TCM
per core
with 32-bit ECC
256KB TCM
per core
with 32-bit ECC
(B)
(B)
Cores
Memory
Peripherals
PRU0
PRU1
Security
HSM
(Secure Boot)
PKE
Debug
MD5
3DES
AES
TRNG
SHA
Sensing and Actuation
9x Analog
Comparators
(CMPSS)
with
DAC Ref
3-port Gb Ethernet
Switch (CPSW) w/
IEEE1588
Connectivity
RSA
USB2.0
4x SPI
6x UART
GPIO
3x I2C
3x LIN
2x MCAN
4-bit MMC/SD
8x ECAP
10x EPWM
12-bit DAC
2x 4-ch SDFM
3x EQEP
3x 7-ch ADC
FSI
GPMC with ELM
OSPI0 w/
OptiFlash
Figure 3-1. AM261x Functional Block Diagram
A.
AM261x is available with two and one core options. Refer to the Package Comparison table for more peripheral specific details.
B.
The R5F cluster supports 512KB of Tightly-Coupled Memory (TCM). When configured as Lockstep operating mode, individual cores
can utilize all 512KB. While in Dual-Core mode, each core may only utilize its designated half (256KB TCM).
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com