| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZNC Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 218 page ![]() 4 Package Comparison Table 4-1 shows a comparison between devices based on packages, highlighting the differences. Table 4-1. Package Comparison Packages Features Reference Name AM261...ZCZ AM261...ZCZ-Q1 AM261...ZFG AM261...ZEJ AM261...ZEJ-Q1 AM261...ZNC PROCESSORS AND ACCELERATORS Speed Grade Up to 500MHz, See Operating Performace Points for more details Arm® Cortex-R5F R5FSS AM2612 and AM2612-Q1 : 2 cores (1× Dual Core with Lockstep option) AM2611 and AM2611-Q1 : 1 core (Single Core) Trigonometric Math Unit TMU Yes Hardware Security Module HSM Yes Crypto Accelerators Security Yes PROGRAM AND DATA STORAGE On-Chip Shared Memory (RAM) OCSRAM Up to 1.5MB, See Operating Performace Points for more details R5F Tightly Coupled Memory (TCM) TCM Up to 512KB(1) PERIPHERALS Analog-to-Digital Converter ADC 3x 6-ch 3x 7-ch 2x 7-ch Comparator Modules CMPSS 9 6 Gigabit Ethernet Interface CPSW Yes Digital-to-Analog Converter DAC 1 Enhanced Capture Module ECAP 8 Enhanced High Resolution Pulse Width Modulation EHRPWM 10x 20-ch Enhanced Quadrature Encoder Pulse Module EQEP 2 Fast Serial Interface FSI 1x FSI_RX + 1x FSI_TX General-Purpose I/O GPIO Up to 141 GPIOs Up to 114 GPIOs Up to 112 GPIOs General-Purpose Memory Controller GPMC 1 Not Available Inter-Integrated Circuit Interface I2C 3 Local Interconnect Network LIN 3 Modular Controller Area Network Iwith Full CAN_FD MCAN 2 Multi-Media Card/Secure Digital Interface MMC-SD 1 Not Available Octal SPI Flash Interface OSPI 1x OSPI0 with OptiFlash and 1x OSPI1 Programmable Real-Time Unit Subsystem PRU 2(2) Industrial Communication Subsystem Support PRU-ICSS Optional Sigma Delta Filter Module SDFM 2x 4-ch 1x 4-ch 3 channels total(3) Serial Peripheral Interface SPI 4 2(4) Universal Asynchronous Receiver and Transmitter UART 6 Universal Serial Bus USB 2.0 USB0 with external VBUS Miscellaneous Junction Temperature Extended Automotive: –40°C to 150°C(5) Extended Industrial: –40°C to 125°C(6) Automotive Qualification AEC-Q100(7) (1) The R5FSS cluster supports 512KB of Tightly-Coupled Memory (TCM). When configured as Single-Core or Lockstep operating mode, individual cores can utilize the entire 512KB of TCM memory, while in Dual-Core mode, each core can only utilize its designated half (256KB TCM). (2) AM261x supports 2 instances of the PRU Subsystem for a total of 4 real-time PRU cores. (3) Instead of one or more full instances of the SDFM peripheral, the ZNC package devices have 3 SDFM channels: SDFM0_D2, SDFM1_D0, and SDFM1_D1. (4) ZNC packages devices have SPI0 and SPI2 as useable SPI interfaces. (5) Extended Automotive temperature is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the Nomenclature Description table. (6) Extended Industrial temperature is applicable to select part number variants as indicated by the lack of the Automotive Designator (Q1) identifier in the Nomenclature Description table. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |