Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLYB0 Datasheet(PDF) 80 Page - Numonyx B.V

No. de pieza PC48F4400PLYB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 Datasheet(HTML) 80 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 83Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 84Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
80
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Note:
The 16-word boundary is the end of the device sense word-line.
14.2.1
Latency Count Settings
Note:
RCR bits[9:8] must be set to 0 for latency count of 2.
Figure 37: Word Boundary
0
1234
5678
9 A B C D E F
16 Word Boundary
Word 0 - 3
Word 4 - 7
Word 8 - B
Word C - F
4 Word Boundary
Table 32: Latency Count Setting for VCCQ = 1.7 V - 1.95 V (90 nm)
VCCQ = 1.7 - 1.95 V
Unit
tAVQV/tCHQV (60ns/11ns)
Latency Count Settings
2*
34, 5
—
Frequency Support
< 40
< 61
< 66
MHz
Table 33: Latency Count Setting for VCCQ = 1.7 V - 2.24 V (130 nm)
VCCQ = 1.7 - 2.24 V
Unit
tAVQV/tCHQV (60ns/11ns)
Latency Count Settings
2
3
4, 5
—
Frequency Support
< 40
< 61
< 66
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com