Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLYB0 Datasheet(PDF) 21 Page - Numonyx B.V

No. de pieza PC48F4400PLYB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 17Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 18Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 19Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 20Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 21Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 22Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 23Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 24Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
21
Numonyx™ Wireless Flash Memory (W18)
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only.
5.2
Operating Conditions
Warning:
Operation beyond the “Operating Conditions” is not recommended and extended
exposure beyond the “Operating Conditions”may affect device reliability.
Notice: This datasheet contains information on products in the design phase of development. The information
here is subject to change without notice. Do not finalize a design with this information.
Table 9:
Absolute Maximum Ratings
Parameter
Maximum Rating
Notes
Temperature under Bias
–40 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage on Any Pin (except VCC, VCCQ, VPP)
–0.5 V to +2.45 V
1,2
VPP Voltage
–0.2 V to +13.1 V
1,3,4
VCC and VCCQ Voltage
–0.2 V to +2.45 V
1,2
Output Short Circuit Current
100 mA
5
Notes:
1.
Specified voltages are with respect to VSS.
2.
During transitions, this level may:
(130 nm) Undershoot –2.0 V for periods < 20 ns and overshoot to VCCQ +2.0 V for periods
< 20 ns
(90 nm) Undershoot –1.0 V for periods < 20 ns and overshoot to VCCQ +1.0 V for periods <
20 ns.
3.
Maximum DC voltage on VPP may overshoot to +14.6 V for periods < 20 ns.
4.
VPP program voltage is normally VPP1. VPP can be 12 V ± 0.6 V for 1000 cycles on the main blocks and 2500 cycles on
the parameter blocks during program/erase.
5.
Output shorted for no more than one second. No more than one output shorted at a time.
Table 10: Extended Temperature Operation (Sheet 1 of 2)
Symbol
Parameter1
Min
Nom
Max
Unit
Note
TA
Operating Temperature
–40
25
85
°C
VCC
VCC Supply Voltage
1.7
1.8
1.95
V
2
I/O Supply Voltage (90 nm)
1.7
1.8
1.95
2
VCCQ
I/O Supply Voltage (130 nm)
1.7
1.8
2.24
2
VPP1
VPP Voltage Supply (Logic Level)
0.90
1.80
1.95
1
VPP2
FactoryProgramming VPP
11.4
12.0
12.6
1
tPPH
Maximum VPP Hours
VPP = 12 V
-
-
80
Hours
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com