Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLYB0 Datasheet(PDF) 16 Page - Numonyx B.V

No. de pieza PC48F4400PLYB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 Datasheet(HTML) 16 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 12Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 13Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 14Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 15Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 16Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 17Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 18Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 19Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
16
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
4.0
Ballout and Signal Descriptions
4.1
Signal Ballout
The W18 device is available in a 56-ball VF BGA and µBGA Chip Scale Package with
0.75 mm ball pitch, or the 88-ball (80 active balls) QUAD+ SCSP package. Figure 4
shows the device ballout for the VF BGA package. Figure 5 shows the device ballout for
the QUAD+ package.
Figure 4: 56-Ball VF BGA Ballout
Notes:
1.
On lower density devices, upper address balls can be treated as NC.; for example, 32-Mbit density, A21 and A22 are NC).
2.
See
Section 3.0, “Package Information” on page 13 for mechanical specifications for the package.
A
B
C
D
E
F
G
A
B
C
D
E
F
G
Top View - Ball Side Down
Complete Ink Mark Not Shown
8
7
6
5
4
3
2
1
1
2
3
4
5
6
7
8
Bottom View - Ball Side Up
A4
A6
A18
VPP
VCC
VSS
A8
A11
A3
A5
A17
RST#
CLK
A20
A9
A12
A2
A7
WE#
ADV#
A19
A10
A13
A1
A14
WP#
DQ12
A16
WAIT
A15
A0
CE#
DQ1
DQ2
DQ4
DQ6
DQ15
VCCQ
OE#
DQ0
DQ9
DQ10
DQ11
DQ13 DQ14
VSS
VSSQ
DQ8
VCCQ
DQ3
VCC
DQ5 VSSQ
DQ7
A22
A21
A4
A6
A18
VPP
VCC
VSS
A8
A11
A3
A5
A17
RST#
CLK
A20
A9
A12
A2
A7
WE#
ADV#
A19
A10
A13
A1
A14
WP#
DQ12
A16
WAIT
A15
A0
CE#
DQ1
DQ2
DQ4
DQ6
DQ15
VCCQ
OE#
DQ0
DQ9
DQ10
DQ11
DQ13
DQ14
VSS
VSSQ
DQ8
VCCQ
DQ3
VCC
DQ5
VSSQ
DQ7
A22
A21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com