Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLYB0 Datasheet(PDF) 24 Page - Numonyx B.V

No. de pieza PC48F4400PLYB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 Datasheet(HTML) 24 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 20Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 21Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 22Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 23Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 24Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 25Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 26Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 27Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
24
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
6.2
DC Voltage Characteristics
Note:
Specifications are for 130 nm and 90 nm devices unless otherwise stated; the 128 Mbit
density is supported ONLY on 90 nm.
130nm
ICCWS
VCC Program Suspend
8
50525
µA
CE# = VCC, Program Suspended
7
90nm
ICCWS
22
50
—
—
µA
130nm
ICCES
VCC Erase Suspend
8
50525
µA
CE# = VCC, Erase Suspended
7
90nm
ICCWS
22
50
—
—
µA
IPPS
(IPPWS,
IPPES)
VPP Standby
VPP Program Suspend
VPP Erase Suspend
0.2
5
0.2
5
µA
VPP <VCC
4
IPPR
VPP Read
2
15215
µA
VPP ≤ VCC
IPPW
VPP Program
0.05
0.10
0.05
0.10
mA
VPP = VPP1, Program in Progress
5
8
221637
VPP = VPP2, Program in Progress
IPPE
VPP Erase
0.05
0.10
0.05
0.10
mA
VPP = VPP1, Erase in Progress
5
8
22822
VPP = VPP2, Erase in Progress
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TA = +25° C.
2.
VCCQ = 1.35 V - 1.8V is available on 130 nm products only.
3.
Automatic Power Savings (APS) reduces ICCR to approximately standby levels in static operation. See ICCRQ specification
for details.
4.
Sampled, not 100% tested.
5.
VCC read + program current is the sum of VCC read and VCC program currents.
6.
VCC read + erase current is the sum of VCC read and VCC erase currents.
7.
ICCES is specified with device deselected. If device is read while in erase suspend, current is ICCES plus ICCR.
8.
If VIN>VCC the input load current increases to 10 µA max.
9.
ICCS is the average current measured over any 5 ms time interval 5 μs after a CE# de-assertion.
10.
Refer to section
Section 8.2, “Automatic Power Savings (APS)” on page 46 for ICCAPS measurement
details.
Table 11: DC Current Characteristics (Sheet 2 of 2)
Symbol
Parameter (1)
VCCQ= 1.8 V
Unit
Test Condition
Note
32/64-Mbit
128-Mbit
TypMax
TypMax
Table 12: DC Voltage Characteristics (Sheet 1 of 2)
Symbol
Parameter
VCCQ= 1.8 V
Unit
Test Condition
Notes
32/64-Mbit
128-Mbit
Min
Max
Min
Max
VIL
Input Low
0
0.400.4
V
2
VIH
Input High
VCCQ – 0.4
VCCQ
VCCQ – 0.4
VCCQ
V2
VOL
Output Low
-
0.1
-
0.1
V
VCC = VCCMin
VCCQ = VCCQMin
IOL = 100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com