Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEXYY Datasheet(PDF) 12 Page - Advanced Analogic Technologies

No. de pieza LEXYY
Descripción Electrónicos  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

LEXYY Datasheet(HTML) 12 Page - Advanced Analogic Technologies

Back Button LEXYY Datasheet HTML 8Page - Advanced Analogic Technologies LEXYY Datasheet HTML 9Page - Advanced Analogic Technologies LEXYY Datasheet HTML 10Page - Advanced Analogic Technologies LEXYY Datasheet HTML 11Page - Advanced Analogic Technologies LEXYY Datasheet HTML 12Page - Advanced Analogic Technologies LEXYY Datasheet HTML 13Page - Advanced Analogic Technologies LEXYY Datasheet HTML 14Page - Advanced Analogic Technologies LEXYY Datasheet HTML 15Page - Advanced Analogic Technologies LEXYY Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
12
3221.2007.11.1.12
www .analogictech.com
For a 150mA output current and a 2.5 volt drop across
the AAT3221/2 at an ambient temperature of 85°C, the
maximum on-time duty cycle for the device would be
71.2%.
The following family of curves shows the safe operating
area for duty-cycled operation from ambient room tem-
perature to the maximum operating level.
Device Duty Cycle vs. VDROP
0
0.5
1
1.5
2
2.5
3
3.5
0
10
2030
405060
7080
90
100
Duty Cycle (%)
200mA
(VOUT = 2.5V @ 25
°C)
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 50
°C)
0
0.5
1
1.5
2
2.5
3
3.5
0
10
2030
405060
7080
90
100
Duty Cycle (%)
200mA
150mA
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 85
°C)
0
0.5
1
1.5
2
2.5
3
3.5
0
10
2030
405060
7080
90
100
Duty Cycle (%)
200mA
150mA
100mA
High Peak Output Current Applications
Some applications require the LDO regulator to operate
at continuous nominal levels with short duration, high-
current peaks. The duty cycles for both output current
levels must be taken into account. To do so, one would
first need to calculate the power dissipation at the nom-
inal continuous level, then factor in the addition power
dissipation due to the short duration, high-current
peaks.
For example, a 2.5V system using an AAT3221/
2IGV-2.5-T1 operates at a continuous 100mA load cur-
rent level and has short 150mA current peaks. The cur-
rent peak occurs for 378μs out of a 4.61ms period. It
will be assumed the input voltage is 5.0V.
First, the current duty cycle percentage must be
calculated:
% Peak Duty Cycle: X/100 = 378ms/4.61ms
% Peak Duty Cycle = 8.2%
The LDO regulator will be under the 100mA load for
91.8% of the 4.61ms period and have 150mA peaks
occurring for 8.2% of the time. Next, the continuous
nominal power dissipation for the 100mA load should be
determined then multiplied by the duty cycle to conclude
the actual power dissipation over time.
PD(MAX) = (VIN - VOUT)IOUT + (VIN · IGND)
PD(100mA) = (5.0V - 2.5V)100mA + (5.0V · 1.1mA)
PD(100mA) = 250mW
PD(91.8%D/C) = %DC · PD(100mA)
PD(91.8%D/C) = 0.918 · 250mW
PD(91.8%D/C) = 229.5mW
The power dissipation for a 100mA load occurring for
91.8% of the duty cycle will be 229.5mW. Now the
power dissipation for the remaining 8.2% of the duty
cycle at the 150mA load can be calculated:
PD(MAX) = (VIN - VOUT)IOUT + (VIN · IGND)
PD(150mA) = (5.0V - 2.5V)150mA + (5.0V · 1.1mA)
PD(150mA) = 375mW
PD(8.2%D/C) = %DC · PD(150mA)
PD(8.2%D/C) = 0.082 · 375mW
PD(8.2%D/C) = 30.75mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com