Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEXYY Datasheet(PDF) 15 Page - Advanced Analogic Technologies

No. de pieza LEXYY
Descripción Electrónicos  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

LEXYY Datasheet(HTML) 15 Page - Advanced Analogic Technologies

Back Button LEXYY Datasheet HTML 8Page - Advanced Analogic Technologies LEXYY Datasheet HTML 9Page - Advanced Analogic Technologies LEXYY Datasheet HTML 10Page - Advanced Analogic Technologies LEXYY Datasheet HTML 11Page - Advanced Analogic Technologies LEXYY Datasheet HTML 12Page - Advanced Analogic Technologies LEXYY Datasheet HTML 13Page - Advanced Analogic Technologies LEXYY Datasheet HTML 14Page - Advanced Analogic Technologies LEXYY Datasheet HTML 15Page - Advanced Analogic Technologies LEXYY Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
15
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
15
www .analogictech.com
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means semiconductor
products that are in compliance with current RoHS standards, including the requirement that lead not
exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at
http://www.analogictech.com/pbfree.
Package Information
SOT23-5
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
All measurements in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com