Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEXYY Datasheet(PDF) 14 Page - Advanced Analogic Technologies

No. de pieza LEXYY
Descripción Electrónicos  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

LEXYY Datasheet(HTML) 14 Page - Advanced Analogic Technologies

Back Button LEXYY Datasheet HTML 8Page - Advanced Analogic Technologies LEXYY Datasheet HTML 9Page - Advanced Analogic Technologies LEXYY Datasheet HTML 10Page - Advanced Analogic Technologies LEXYY Datasheet HTML 11Page - Advanced Analogic Technologies LEXYY Datasheet HTML 12Page - Advanced Analogic Technologies LEXYY Datasheet HTML 13Page - Advanced Analogic Technologies LEXYY Datasheet HTML 14Page - Advanced Analogic Technologies LEXYY Datasheet HTML 15Page - Advanced Analogic Technologies LEXYY Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
14
3221.2007.11.1.12
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
14
3221.2007.11.1.12
www .analogictech.com
Ordering Information
Output Voltage
Enable
Package
Marking1
Part Number (Tape and Reel)2
1.6V
Active high
SOT23-5
GYXYY
AAT3221IGV-1.6-T1
1.7V
Active high
SOT23-5
GBXYY
AAT3221IGV-1.7-T1
1.8V
Active high
SOT23-5
BBXYY
AAT3221IGV-1.8-T1
1.9V
Active high
SOT23-5
CGXYY
AAT3221IGV-1.9-T1
2.0V
Active high
SOT23-5
BLXYY
AAT3221IGV-2.0-T1
2.3V
Active high
SOT23-5
FLXYY
AAT3221IGV-2.3-T1
2.4V
Active high
SOT23-5
FMXYY
AAT3221IGV-2.4-T1
2.5V
Active high
SOT23-5
AKXYY
AAT3221IGV-2.5-T1
2.6V
Active high
SOT23-5
GPXYY
AAT3221IGV-2.6-T1
2.7V
Active high
SOT23-5
GDXYY
AAT3221IGV-2.7-T1
2.8V
Active high
SOT23-5
AQXYY
AAT3221IGV-2.8-T1
2.85V
Active high
SOT23-5
BYXYY
AAT3221IGV-2.85-T1
2.9V
Active high
SOT23-5
JCXYY
AAT3221IGV-2.9-T1
3.0V
Active high
SOT23-5
ALXYY
AAT3221IGV-3.0-T1
3.1V
Active high
SOT23-5
GVXYY
AAT3221IGV-3.1-T1
3.3V
Active high
SOT23-5
AMXYY
AAT3221IGV-3.3-T1
3.5V
Active high
SOT23-5
BMXYY
AAT3221IGV-3.5-T1
1.5V
Active high
SC70JW-8
CFXYY
AAT3221IJS-1.5-T1
1.6V
Active high
SC70JW-8
AAT3221IJS-1.6-T1
1.7V
Active high
SC70JW-8
AAT3221IJS-1.7-T1
1.8V
Active high
SC70JW-8
BBXYY
AAT3221IJS-1.8-T1
1.9V
Active high
SC70JW-8
CGXYY
AAT3221IJS-1.9-T1
2.0V
Active high
SC70JW-8
BLXYY
AAT3221IJS-2.0-T1
2.3V
Active high
SC70JW-8
FLXYY
AAT3221IJS-2.3-T1
2.4V
Active high
SC70JW-8
FMXYY
AAT3221IJS-2.4-T1
2.5V
Active high
SC70JW-8
AKXYY
AAT3221IJS-2.5-T1
2.6V
Active high
SC70JW-8
GPXYY
AAT3221IJS-2.6-T1
2.7V
Active high
SC70JW-8
GDXYY
AAT3221IJS-2.7-T1
2.8V
Active high
SC70JW-8
AQXYY
AAT3221IJS-2.8-T1
2.85V
Active high
SC70JW-8
BYXYY
AAT3221IJS-2.85-T1
2.9V
Active high
SC70JW-8
JCXYY
AAT3221IJS-2.9-T1
3.0V
Active high
SC70JW-8
ALXYY
AAT3221IJS-3.0-T1
3.1V
Active high
SC70JW-8
GVXYY
AAT3221IJS-3.1-T1
3.2V
Active high
SC70JW-8
LEXYY
AAT3221IJS-3.2-T1
3.3V
Active high
SC70JW-8
AMXYY
AAT3221IJS-3.3-T1
3.5V
Active high
SC70JW-8
BMXYY
AAT3221IJS-3.5-T1
1.8V
Active high
SOT23-5
BCXYY
AAT3222IGV-1.8-T1
2.0V
Active high
SOT23-5
AAT3222IGV-2.0-T1
2.3V
Active high
SOT23-5
AAT3222IGV-2.3-T1
2.4V
Active high
SOT23-5
AAT3222IGV-2.4-T1
2.5V
Active high
SOT23-5
ANXYY
AAT3222IGV-2.5-T1
2.7V
Active high
SOT23-5
AOXYY
AAT3222IGV-2.7-T1
2.8V
Active high
SOT23-5
BIXYY
AAT3222IGV-2.8-T1
2.85V
Active high
SOT23-5
FYXYY
AAT3222IGV-2.85-T1
2.9V
Active high
SOT23-5
AAT3222IGV-2.9-T1
3.0V
Active high
SOT23-5
BHXYY
AAT3222IGV-3.0-T1
3.3V
Active high
SOT23-5
APXYY
AAT3222IGV-3.3-T1
3.5V
Active high
SOT23-5
FTXYY
AAT3222IGV-3.5-T1
2.8V
Active low
SOT23-5
CXXYY
AAT3221IGV-2.8-2 T1
3.3V
Active low
SOT23-5
AAT3221IGV-3.3-2-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com