Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEXYY Datasheet(PDF) 13 Page - Advanced Analogic Technologies

No. de pieza LEXYY
Descripción Electrónicos  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

LEXYY Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button LEXYY Datasheet HTML 8Page - Advanced Analogic Technologies LEXYY Datasheet HTML 9Page - Advanced Analogic Technologies LEXYY Datasheet HTML 10Page - Advanced Analogic Technologies LEXYY Datasheet HTML 11Page - Advanced Analogic Technologies LEXYY Datasheet HTML 12Page - Advanced Analogic Technologies LEXYY Datasheet HTML 13Page - Advanced Analogic Technologies LEXYY Datasheet HTML 14Page - Advanced Analogic Technologies LEXYY Datasheet HTML 15Page - Advanced Analogic Technologies LEXYY Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
13
www .analogictech.com
The power dissipation for a 150mA load occurring for
8.2% of the duty cycle will be 20.9mW. Finally, the two
power dissipation levels can summed to determine the
total true power dissipation under the varied load:
PD(total) = PD(100mA) + PD(150mA)
PD(total) = 229.5mW + 30.75mW
PD(total) = 260.25mW
The maximum power dissipation for the AAT3221/2
operating at an ambient temperature of 85°C is 267mW.
The device in this example will have a total power dis-
sipation of 260.25mW. This is within the thermal limits
for safe operation of the device.
Printed Circuit Board Layout
Recommendations
In order to obtain the maximum performance from the
AAT3221/2 LDO regulator, very careful attention must
be considered in regard to the printed circuit board lay-
out. If grounding connections are not properly made,
power supply ripple rejection and LDO regulator tran-
sient response can be compromised.
The LDO regulator external capacitors CIN and COUT
should be connected as directly as possible to the ground
pin of the LDO regulator. For maximum performance
with the AAT3221/2, the ground pin connection should
then be made directly back to the ground or common of
the source power supply. If a direct ground return path
is not possible due to printed circuit board layout limita-
tions, the LDO ground pin should then be connected to
the common ground plane in the application layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com