Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSD4135F2-15UI Datasheet(PDF) 49 Page - STMicroelectronics

No. de pieza PSD4135F2-15UI
Descripción Electrónicos  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 45Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 46Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 47Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 48Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 49Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 50Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 51Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
PSD4000 Series
Preliminary Information
46
The
PSD4000
Functional
Blocks
(cont.)
9.4 I/O Ports
There are seven programmable I/O ports: Ports A, B, C, D, E, F and G. Each of the ports
is eight bits except Port D, which is 4 bits. Each port pin is individually user configurable,
thus allowing multiple functions per port. The ports are configured using PSDsoft or by the
microcontroller writing to on-chip registers in the CSIOP address space.
The topics discussed in this section are:
• General Port Architecture
• Port Operating Modes
• Port Configuration Registers
• Port Data Registers
• Individual Port Functionality.
9.4.1 General Port Architecture
The general architecture of the I/O Port is shown in Figure 20. Individual Port architectures
are shown in Figures 21 through 23. In general, once the purpose for a port pin has been
defined, that pin will no longer be available for other purposes. Exceptions will be noted.
As shown in Figure 20, the ports contain an output multiplexer whose selects are driven
by the configuration bits in the Control Registers (Ports E, F and G only) and PSDsoft
Configuration. Inputs to the multiplexer include the following:
t Output data from the Data Out Register
t Latched address outputs
t GPLD outputs (External Chip Selects)
The Port Data Buffer (PDB) is a tri-state buffer that allows only one source at a time to be
read. The PDB is connected to the Internal Data Bus for feedback and can be read by the
microcontroller. The Data Out and Micro
⇔Cell outputs, Direction and Control Registers,
and port pin input are all connected to the PDB.
The contents of these registers can be altered by the microcontroller. The PDB feedback
path allows the microcontroller to check the contents of the registers.
9.4.2 Port Operating Modes
The I/O Ports have several modes of operation. Some modes can be defined using
PSDsoft, some by the microcontroller writing to the Registers in CSIOP space, and some
by both. The modes that can only be defined using PSDsoft must be programmed into the
device and cannot be changed unless the device is reprogrammed. The modes that can be
changed by the microcontroller can be done so dynamically at run-time. The PLD I/O,
Data Port, Address Input, and MCU Reset modes are the only modes that must be defined
before programming the device. All other modes can be changed by the microcontroller at
run-time.
Table 16 summarizes which modes are available on each port. Table 19 shows how and
where the different modes are configured. Each of the port operating modes are described
in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com