Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSD4135F2-15UI Datasheet(PDF) 51 Page - STMicroelectronics

No. de pieza PSD4135F2-15UI
Descripción Electrónicos  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 47Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 48Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 49Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 50Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 51Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 54Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
PSD4000 Series
Preliminary Information
48
Control
Direction
VM
Defined In
Register
Register
Register
Mode
PSDsoft
Setting
Setting
Setting
Declare
0
1 = output,
MCU I/O
pins only
(Note 1)
0 = input
NA
Declare pins
PLD I/O
and logic or chip
NA
NA
select equations
Data Port
Selected for
(Port F, G)
MCU with
NA
NA
NA
non-mux bus
Address Out
Declare
11
NA
(Port E, F, G)
pins only
Address In
Declare pins
(Port A,B,C,D,F)
NA
NA
NA
JTAG ISP
Declare pins
NA
NA
NA
only
MCU Reset
Specify pin
NA
NA
NA
Mode
logic level
Table 17. Port Operating Mode Settings
*NA = Not Applicable
NOTE: 1. Control Register setting is not applicable to Ports A, B and C.
9.4.2.1 MCU I/O Mode
In the MCU I/O Mode, the microcontroller uses the PSD4000 ports to expand its own
I/O ports. By setting up the CSIOP space, the ports on the PSD4000 are mapped into the
microcontroller address space. The addresses of the ports are listed in Table 6.
A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the
Control Register (Port E, F and G). The MCU I/O direction may be changed by writing
to the corresponding bit in the Direction Register. See the subsection on the Direction
Register in the “Port Registers” section. When the pin is configured as an output, the
content of the Data Out Register drives the pin. When configured as an input, the
microcontroller can read the port input through the Data In buffer. See Figure 20.
Ports A, B and C do not have Control Registers, and are in MCU I/O mode by default.
They can be used for PLD I/O if they are specified in PSDsoft.
9.4.2.2 PLD I/O Mode
The PLD I/O Mode uses a port as an input to the CPLD’s Input Micro
⇔Cells, and/or
as an output from the GPLD. The corresponding bit in the Direction Register must not be
set to ‘1’ if the pin is defined as a PLD input pin in PSDsoft. The PLD I/O Mode is specified
in PSDsoft by declaring the port pins, and then specifying an equation in PSDsoft.
The
PSD4000
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com