Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSD4135F2-15UI Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza PSD4135F2-15UI
Descripción Electrónicos  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 46Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 47Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 48Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 49Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 50Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 51Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
Preliminary Information
PSD4000 Series
47
Figure 20. General I/O Port Architecture
The
PSD4000
Functional
Blocks
(cont.)
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD Outputs
Yes
Yes
Yes
No
No
No
No
PLD Inputs
Yes
Yes
Yes
Yes
No
Yes
No
Address Out
No
No
No
No
Yes
Yes
Yes
(A7-0)
(A7-0)
(A7-0)
or
(A15-8)
Address In
Yes
Yes
Yes
Yes
No
Yes
No
Data Port
No
No
No
No
No
Yes
Yes
JTAG ISP
No
No
No
No
Yes
No
No
MCU Reset Mode*
No
No
No
No
No
Yes
Yes
Table 16. Port Operating Modes
*Available to Motorola 16-bit 683XX and HC16family of MCUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com