Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSD4135F2-15UI Datasheet(PDF) 56 Page - STMicroelectronics

No. de pieza PSD4135F2-15UI
Descripción Electrónicos  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 54Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 55Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 56Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 57Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 58Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 59Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Preliminary Information
PSD4000 Series
53
The
PSD4000
Functional
Blocks
(cont.)
9.4.6 Port D – Functionality and Structure
Port D has four I/O pins. See Figure 22. Port D can be configured to program one or more
of the following functions:
t MCU I/O Mode
t PLD Input – direct input to PLD
Port D pins can be configured in PSDsoft as input pins for other dedicated functions:
t PD0 – ALE, as address strobe input
t PD1 – CLKIN, as clock input to the PLD and APD counter
t PD2 – CSI, as active low chip select input. A high input will disable the
Flash/SRAM and CSIOP.
t PD3 – WRH, as active low Write Enable (high byte) input or as DBE input from
68HC912
9.4.7 Port E – Functionality and Structure
Port E can be configured to perform one or more of the following functions (see Figure 23):
t MCU I/O Mode
t In-System Programming – JTAG port can be enabled for programming/erase of the
PSD4000 device. (See Section 9.6 for more information on JTAG programming.)
Pins that are configured as JTAG pins in PSDsoft will not be available for other I/O
functions.
t Open Drain – Port E pins can be configured in Open Drain Mode
t Battery Backup features – PE6 can be configured as a Battery Input (Vstby) pin.
PE7 can be configured as a Battery On Indicator output
pin, indicating when Vcc is less than Vbat.
t Latched Address Output – Provided latched address (A7-0) output
DATA OUT
REG.
DQ
DQ
WR
WR
READ MUX
P
D
B
PLD INPUT
DIR REG.
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
Figure 22. Port D Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com