Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 347 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 343Page - Renesas Technology Corp HD6417618 Datasheet HTML 344Page - Renesas Technology Corp HD6417618 Datasheet HTML 345Page - Renesas Technology Corp HD6417618 Datasheet HTML 346Page - Renesas Technology Corp HD6417618 Datasheet HTML 347Page - Renesas Technology Corp HD6417618 Datasheet HTML 348Page - Renesas Technology Corp HD6417618 Datasheet HTML 349Page - Renesas Technology Corp HD6417618 Datasheet HTML 350Page - Renesas Technology Corp HD6417618 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 646 page
background image
Section 13 Compare Match Timer (CMT)
TIMCMT3A_000020030900
Rev. 6.00 Jun. 12, 2007 Page 315 of 610
REJ09B0131-0600
Section 13 Compare Match Timer (CMT)
This LSI has an on-chip compare match timer (CMT) consisting of a 2-channel 16-bit timer. The
CMT has a16-bit counter, and can generate interrupts at set intervals.
13.1
Features
CMT has the following features.
• Selection of four counter input clocks
Any of four internal clocks (P
φ/8, Pφ/32, Pφ/128, and Pφ/512) can be selected independently
for each channel.
• Interrupt request on compare match
• When not in use, CMT can be stopped by halting its clock supply to reduce power
consumption.
Figure 13.1 shows a block diagram of CMT.
Control circuit
Clock selection
Channel 0
Channel 1
CMT
P
φ/8
P
φ/32
P
φ/128
P
φ/512
P
φ/8
P
φ/32
P
φ/128
P
φ/512
Clock selection
Control circuit
[Legend]
CMSTR:
Compare match timer start register
CMCSR:
Compare match timer control/status register
CMCOR:
Compare match timer constant register
CMCNT:
Compare match counter
CMI:
Compare match interrupt
Module bus
Bus
interface
Internal bus
CMI0
CMI1
Figure 13.1 Block Diagram of Compare Match Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More