| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 74 Page - Renesas Technology Corp |
|
74 / 646 page ![]() Section 2 CPU Rev. 6.00 Jun. 12, 2007 Page 42 of 610 REJ09B0131-0600 Instruction Operation Code Execution Cycles T Bit DMULU.L Rm,Rn Unsigned operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bits 0011nnnnmmmm0101 2 to 5* DT Rn Rn - 1 → Rn, if Rn = 0, 1 → T, else 0 → T 0100nnnn00010000 1 Comparison result EXTS.B Rm,Rn A byte in Rm is sign- extended → Rn 0110nnnnmmmm1110 1 EXTS.W Rm,Rn A word in Rm is sign- extended → Rn 0110nnnnmmmm1111 1 EXTU.B Rm,Rn A byte in Rm is zero- extended → Rn 0110nnnnmmmm1100 1 EXTU.W Rm,Rn A word in Rm is zero- extended → Rn 0110nnnnmmmm1101 1 MAC.L @Rm+,@Rn+ Signed operation of (Rn) × (Rm) + MAC → MAC, 32 × 32 + 64 → 64 bits 0000nnnnmmmm1111 2 to 5* MAC.W @Rm+,@Rn+ Signed operation of (Rn) × (Rm) + MAC → MAC, 16 × 16 + 64 → 64 bits 0100nnnnmmmm1111 2 to 4* MUL.L Rm,Rn Rn × Rm → MACL 32 × 32 → 32 bits 0000nnnnmmmm0111 2 to 5* MULS.W Rm,Rn Signed operation of Rn × Rm → MAC 16 × 16 → 32 bits 0010nnnnmmmm1111 1 (3)* MULU.W Rm,Rn Unsigned operation of Rn × Rm → MAC 16 × 16 → 32 bits 0010nnnnmmmm1110 1 (3)* NEG Rm,Rn 0-Rm → Rn 0110nnnnmmmm1011 1 NEGC Rm,Rn 0-Rm-T → Rn, Borrow → T 0110nnnnmmmm1010 1 Borrow SUB Rm,Rn Rn-Rm → Rn 0011nnnnmmmm1000 1 |