| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 78 Page - Renesas Technology Corp |
|
78 / 646 page ![]() Section 2 CPU Rev. 6.00 Jun. 12, 2007 Page 46 of 610 REJ09B0131-0600 Instruction Operation Code Execution Cycles T Bit NOP No operation 0000000000001001 1 RTE Delayed branch, Stack area → PC/SR 0000000000101011 5 SETT 1 → T 0000000000011000 1 1 SLEEP Sleep 0000000000011011 4* STC SR,Rn SR → Rn 0000nnnn00000010 1 STC GBR,Rn GBR → Rn 0000nnnn00010010 1 STC VBR,Rn VBR → Rn 0000nnnn00100010 1 STC.L SR,@ –Rn Rn–4 → Rn, SR → (Rn) 0100nnnn00000011 1 STC.L GBR,@ –Rn Rn–4 → Rn, GBR → (Rn) 0100nnnn00010011 1 STC.L VBR,@ –Rn Rn–4 → Rn, VBR → (Rn) 0100nnnn00100011 1 STS MACH,Rn MACH → Rn 0000nnnn00001010 1 STS MACL,Rn MACL → Rn 0000nnnn00011010 1 STS PR,Rn PR → Rn 0000nnnn00101010 1 STS.L MACH,@ –Rn Rn–4 → Rn, MACH → (Rn) 0100nnnn00000010 1 STS.L MACL,@ –Rn Rn–4 → Rn, MACL → (Rn) 0100nnnn00010010 1 STS.L PR,@ –Rn Rn–4 → Rn, PR → (Rn) 0100nnnn00100010 1 TRAPA #imm PC /SR → Stack area, (imm × 4 + VBR) → PC 11000011iiiiiiii 8 Note: * Number of execution cycles until this LSI enters sleep mode. About the number of execution cycles: The table lists the minimum number of execution cycles. In practice, the number of execution cycles will be increased depending on the conditions such as: • When there is a conflict between instruction fetch and data access • When the destination register of a load instruction (memory → register) is also used by the instruction immediately after the load instruction. |