Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 84 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 80Page - Renesas Technology Corp HD6417618 Datasheet HTML 81Page - Renesas Technology Corp HD6417618 Datasheet HTML 82Page - Renesas Technology Corp HD6417618 Datasheet HTML 83Page - Renesas Technology Corp HD6417618 Datasheet HTML 84Page - Renesas Technology Corp HD6417618 Datasheet HTML 85Page - Renesas Technology Corp HD6417618 Datasheet HTML 86Page - Renesas Technology Corp HD6417618 Datasheet HTML 87Page - Renesas Technology Corp HD6417618 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 52 of 610
REJ09B0131-0600
3.2
Register Descriptions
The cache has the following registers. For details on register addresses and register states during
each process, refer to section 20, List of Registers.
• Cache control register 1 (CCR1)
• Cache control register 3 (CCR3)*
Note: * Supported only by the SH7618.
3.2.1
Cache Control Register 1 (CCR1)
The cache is enabled or disabled by the CE bit in CCR1. CCR1 also has the CF bit (which
invalidates all cache entries), and the WT and CB bits (which select either write-through mode or
write-back mode). Programs that change the contents of CCR1 should be placed in the address
space that is not cached.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
CF
0
R/W
Cache Flush
Writing 1 flushes all cache entries meaning that it
clears the V, U, and LRU bits of all cache entries to
0. This bit is always read as 0. Write-back to
external memory is not performed when the cache is
flushed.
2
CB
0
R/W
Write-Back
Indicates the cache operating mode for H'80000000
to H'9FFFFFFF.
0: Write-through mode
1: Write-back mode
1
WT
0
R/W
Write-Through
Indicates the cache operating mode for H'00000000
to H'7FFFFFFF and H'C0000000 to H'DFFFFFFF.
0: Write-back mode
1: Write-through mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More