Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 75 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 71Page - Renesas Technology Corp HD6417618 Datasheet HTML 72Page - Renesas Technology Corp HD6417618 Datasheet HTML 73Page - Renesas Technology Corp HD6417618 Datasheet HTML 74Page - Renesas Technology Corp HD6417618 Datasheet HTML 75Page - Renesas Technology Corp HD6417618 Datasheet HTML 76Page - Renesas Technology Corp HD6417618 Datasheet HTML 77Page - Renesas Technology Corp HD6417618 Datasheet HTML 78Page - Renesas Technology Corp HD6417618 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 646 page
background image
Section 2 CPU
Rev. 6.00 Jun. 12, 2007 Page 43 of 610
REJ09B0131-0600
Instruction
Operation
Code
Execution
Cycles
T Bit
SUBC Rm,Rn
Rn-Rm–T
→ Rn,
Borrow
→ T
0011nnnnmmmm1010
1
Borrow
SUBV Rm,Rn
Rn-Rm
→ Rn,
Underflow
→ T
0011nnnnmmmm1011
1
Overflow
Note:
*
Indicates the number of execution cycles for normal operation. The values in
parentheses indicate the number of execution cycles when conflicts occur with the
previous or next instruction.
• Logic Operation Instructions
Instruction
Operation
Code
Execution
Cycles
T Bit
AND
Rm,Rn
Rn & Rm
→ Rn
0010nnnnmmmm1001
1
AND
#imm,R0
R0 & imm
→ R0
11001001iiiiiiii
1
AND.B #imm,@(R0,GBR)
(R0 + GBR) & imm
→
(R0 + GBR)
11001101iiiiiiii
3
NOT
Rm,Rn
~Rm
→ Rn
0110nnnnmmmm0111
1
OR
Rm,Rn
Rn | Rm
→ Rn
0010nnnnmmmm1011
1
OR
#imm,R0
R0 | imm
→ R0
11001011iiiiiiii
1
OR.B
#imm,@(R0,GBR)
(R0 + GBR) | imm
→
(R0 + GBR)
11001111iiiiiiii
3
TAS.B @Rn
If (Rn) is 0, 1
→ T;
1
→ MSB of (Rn)
0100nnnn00011011
4
Test result
TST
Rm,Rn
Rn & Rm; if the result
is 0, 1
→ T
0010nnnnmmmm1000
1
Test result
TST
#imm,R0
R0 & imm; if the result
is 0, 1
→ T
11001000iiiiiiii
1
Test result
TST.B #imm,@(R0,GBR)
(R0 + GBR) & imm;
if the result is 0, 1
→ T
11001100iiiiiiii
3
Test result
XOR
Rm,Rn
Rn ^ Rm
→ Rn
0010nnnnmmmm1010
1
XOR
#imm,R0
R0 ^ imm
→ R0
11001010iiiiiiii
1
XOR.B #imm,@(R0,GBR)
(R0 + GBR) ^ imm
→
(R0 + GBR)
11001110iiiiiiii
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More