| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 378 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 378 Page - Renesas Technology Corp |
|
378 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 346 of 610 REJ09B0131-0600 14.3.8 Bit Rate Register (SCBRR) SCBRR is an 8-bit register that, together with the baud rate generator clock source selected by the CKS1 and CKS0 bits in the serial mode register (SCSMR), determines the serial transmit/receive bit rate. The CPU can always read and write to SCBRR. SCBRR is initialized to H'FF by a power-on reset. Each channel has independent baud rate generator control, so different values can be set in three channels. The SCBRR setting is calculated as follows: • Asynchronous mode: N = × 106 - 1 64 × 22n-1 × B P φ • Synchronous mode: N = × 106 - 1 8 × 22n-1 × B P φ B: Bit rate (bits/s) N: SCBRR setting for baud rate generator (0 ≤ N ≤ 255) (The setting value should satisfy the electrical characteristics.) P φ: Operating frequency for peripheral modules (MHz) n: Baud rate generator clock source (n = 0, 1, 2, 3) (for the clock sources and values of n, see table 14.2.) |