| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 384 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 384 Page - Renesas Technology Corp |
|
384 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 352 of 610 REJ09B0131-0600 Table 14.6 Maximum Bit Rates with External Clock Input (Asynchronous Mode) P φ (MHz) External Input Clock (MHz) Maximum Bit Rate (bits/s) 5 1.2500 78125 4.9152 1.2288 76800 8 2.0000 125000 9.8304 2.4576 153600 12 3.0000 187500 14.7456 3.6864 230400 16 4.0000 250000 19.6608 4.9152 307200 20 5.0000 312500 24 6.0000 375000 24.576 6.1440 384000 28.7 7.1750 448436 30 7.5000 468750 33 8.25 515625 Table 14.7 Maximum Bit Rates with External Clock Input (Synchronous Mode) P φ (MHz) External Input Clock (MHz) Maximum Bit Rate (bits/s) 5 0.8333 833333.3 8 1.3333 1333333.3 16 2.6667 2666666.7 24 4.0000 4000000.0 28.7 4.7833 4783333.3 30 5.0000 5000000.0 33 5.5000 5500000.0 |