| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 532 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 532 Page - Renesas Technology Corp |
|
532 / 646 page ![]() Section 19 User Debugging Interface (H-UDI) Rev. 6.00 Jun. 12, 2007 Page 500 of 610 REJ09B0131-0600 Bit Pin Name I/O Bit Pin Name I/O 209 NMI IN 177 PC13/TX_CLK/-/- Control 208 TESTMD IN 176 PC04/MIITXD0/-/- Control 207 PC09/RX_ER/-/- OUT 175 PC05/MIITXD1/-/- Control 206 PC15/CRS/-/- OUT 174 PC06/MIITXD2/-/- Control 205 PC08/RX_DV/-/- OUT 173 PC07/MIITXD3/-/- Control 204 PC00/MIIRXD0/-/- OUT 172 PC12/TX_EN/-/- Control 203 PC01/MIIRXD1/-/- OUT 171 PC14/COL/-/- Control 202 PC02/MIIRXD2/-/- OUT 170 PC20/WOL Control 201 PC03/MIIRXD3/-/- OUT 169 PC19/EXOUT Control 200 PC10/RX_CLK/-/- OUT 168 TESTOUT Control 199 PC18/LNKSTA OUT 167 MD0 IN 198 PC11/TX_ER/-/- OUT 166 MD1 IN 197 PC13/TX_CLK/-/- OUT 165 D00 IN 196 PC04/MIITXD0/-/- OUT 164 D01 IN 195 PC05/MIITXD1/-/- OUT 163 D02 IN 194 PC06/MIITXD2/-/- OUT 162 D03 IN 193 PC07/MIITXD3/-/- OUT 161 D04 IN 192 PC12/TX_EN/-/- OUT 160 D05 IN 191 PC14/COL/-/- OUT 159 D06 IN 190 PC20/WOL OUT 158 D07 IN 189 PC19/EXOUT OUT 157 MD2 IN 188 TESTOUT OUT 156 D15 IN 187 PC09/RX_ER/-/- Control 155 D14 IN 186 PC15/CRS/-/- Control 154 D13 IN 185 PC08/RX_DV/-/- Control 153 D12 IN 184 PC00/MIIRXD0/-/- Control 152 D11 IN 183 PC01/MIIRXD1/-/- Control 151 D10 IN 182 PC02/MIIRXD2/-/- Control 150 D09 IN 181 PC03/MIIRXD3/-/- Control 149 D08 IN 180 PC10/RX_CLK/-/- Control 148 PB02/CKE IN 179 PC18/LNKSTA Control 147 PB03/ CAS IN 178 PC11/TX_ER/-/- Control 146 PB04/ RAS IN |