| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 571 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 571 Page - Renesas Technology Corp |
|
571 / 646 page ![]() Section 21 Electrical Characteristics Rev. 6.00 Jun. 12, 2007 Page 539 of 610 REJ09B0131-0600 Section 21 Electrical Characteristics 21.1 Absolute Maximum Ratings Table 21.1 shows the absolute maximum ratings. Table 21.1 Absolute Maximum Ratings Item Symbol Value Unit Power supply voltage (I/O) V CCQ –0.3 to +4.2 V Power supply voltage (internal) V CC, V CC (PLL1), V CC (PLL2) –0.3 to +2.5 V Input voltage V in –0.3 to V CCQ + 0.3 V Operating temperature Regular specifications T opr –20 to +75 °C Wide-range specifications –40 to +85 °C Storage temperature T stg –55 to +125 °C Caution: Permanent damage to the LSI may result if absolute maximum ratings are exceeded. |