Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 623 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 619Page - Renesas Technology Corp HD6417618 Datasheet HTML 620Page - Renesas Technology Corp HD6417618 Datasheet HTML 621Page - Renesas Technology Corp HD6417618 Datasheet HTML 622Page - Renesas Technology Corp HD6417618 Datasheet HTML 623Page - Renesas Technology Corp HD6417618 Datasheet HTML 624Page - Renesas Technology Corp HD6417618 Datasheet HTML 625Page - Renesas Technology Corp HD6417618 Datasheet HTML 626Page - Renesas Technology Corp HD6417618 Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 591 of 610
REJ09B0131-0600
21.4.13
Delay Time Variation Due to Load Capacitance (Reference Values)
A graph (reference data) of the variation in delay time when a load capacitance greater than that
stipulated (30 pF) is connected to this LSI's pins is shown below. The graph shown in figure 21.55
should be taken into consideration in the design process if the stipulated capacitance is exceeded
in connecting an external device.
If the connected load capacitance exceeds the range shown in figure 21.55, the graph will not be a
straight line.
+0
+10
+20
+30
+0
+1
+2
+3
+40
+50
Load capacitance (pF)
Figure 21.55 Load Capacitance versus Delay Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More