| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 628 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 628 Page - Renesas Technology Corp |
|
628 / 646 page ![]() Appendix Rev. 6.00 Jun. 12, 2007 Page 596 of 610 REJ09B0131-0600 IO: Input/output H: High level output L: Low level output Z: High-impedance P: Input or output depending on the register setting Notes: 1. Depends on the clock mode (setting of pins MD2 to MD0). 2. Depends on the HIZCNT bit in CMNCR. 3. High-impedance when HIFEBL = low 4. Depends on the HIZMEM bit in CMNCR. 5. Depends on the HIZCNT bit in CMNCR or the CKOEN bit in FRQCR. 6. This pin becomes output state only when reading data from the H-UDI and retains high- impedance state when the pin is not output state. |