Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 120 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 116Page - Renesas Technology Corp HD6417618 Datasheet HTML 117Page - Renesas Technology Corp HD6417618 Datasheet HTML 118Page - Renesas Technology Corp HD6417618 Datasheet HTML 119Page - Renesas Technology Corp HD6417618 Datasheet HTML 120Page - Renesas Technology Corp HD6417618 Datasheet HTML 121Page - Renesas Technology Corp HD6417618 Datasheet HTML 122Page - Renesas Technology Corp HD6417618 Datasheet HTML 123Page - Renesas Technology Corp HD6417618 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 88 of 610
REJ09B0131-0600
6.3.3
IRQ Status register (IRQSR)
IRQSR is a 16-bit register that indicates the states of the external interrupt input pins IRQ0 to
IRQ7 and the status of interrupt request.
Bit
Bit Name
Initial
Value
R/W
Description
15
IRQ7L
0/1
R
Indicates the state of pin IRQ7.
0: State of pin IRQ7 is low
1: State of pin IRQ7 is high
14
IRQ6L
0/1
R
Indicates the state of pin IRQ6.
0: State of pin IRQ6 is low
1: State of pin IRQ6 is high
13
IRQ5L
0/1
R
Indicates the state of pin IRQ5.
0: State of pin IRQ5 is low
1: State of pin IRQ5 is high
12
IRQ4L
0 or 1
R
Indicates the state of pin IRQ4.
0: State of pin IRQ4 is low
1: State of pin IRQ4 is high
11
IRQ3L
0 or 1
R
Indicates the state of pin IRQ3.
0: State of pin IRQ3 is low
1: State of pin IRQ3 is high
10
IRQ2L
0 or 1
R
Indicates the state of pin IRQ2.
0: State of pin IRQ2 is low
1: State of pin IRQ2 is high
9
IRQ1L
0 or 1
R
Indicates the state of pin IRQ1.
0: State of pin IRQ1 is low
1: State of pin IRQ1 is high
8
IRQ0L
0 or 1
R
Indicates the state of pin IRQ0.
0: State of pin IRQ0 is low
1: State of pin IRQ0 is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More