Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 125 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 121Page - Renesas Technology Corp HD6417618 Datasheet HTML 122Page - Renesas Technology Corp HD6417618 Datasheet HTML 123Page - Renesas Technology Corp HD6417618 Datasheet HTML 124Page - Renesas Technology Corp HD6417618 Datasheet HTML 125Page - Renesas Technology Corp HD6417618 Datasheet HTML 126Page - Renesas Technology Corp HD6417618 Datasheet HTML 127Page - Renesas Technology Corp HD6417618 Datasheet HTML 128Page - Renesas Technology Corp HD6417618 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 93 of 610
REJ09B0131-0600
6.3.4
Interrupt Priority Registers A to E (IPRA to IPRE)
Interrupt priority registers are five 16-bit readable/writable registers that set priority levels from 0
to 15 for interrupts except NMI. For the correspondence between interrupt request sources and
IPR, refer to table 6.2, Interrupt Exception Handling Vectors and Priorities. Each of the
corresponding interrupt priority ranks are established by setting a value from H'0 to H'F in each of
the four-bit groups 15 to 12, 11 to 8, 7 to 4 and 3 to 0. Reserved bits that are not assigned should
be set H'0 (B'0000).
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
IPR15
IPR14
IPR13
IPR12
0
0
0
0
R/W
R/W
R/W
R/W
Set priority levels for the corresponding interrupt
source.
0000: Priority level 0 (lowest)
0001: Priority level 1
0010: Priority level 2
0011: Priority level 3
0100: Priority level 4
0101: Priority level 5
0110: Priority level 6
0111: Priority level 7
1000: Priority level 8
1001: Priority level 9
1010: Priority level 10
1011: Priority level 11
1100: Priority level 12
1101: Priority level 13
1110: Priority level 14
1111: Priority level 15 (highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More