| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 130 Page - Renesas Technology Corp |
|
130 / 646 page ![]() Section 6 Interrupt Controller (INTC) Rev. 6.00 Jun. 12, 2007 Page 98 of 610 REJ09B0131-0600 6.5 Interrupt Exception Handling Vector Table Table 6.2 lists interrupt sources, their vector numbers, vector table address offsets, and interrupt priorities. Individual interrupt sources are allocated to different vector numbers and vector table address offsets. Vector table addresses are calculated from the vector numbers and vector table address offsets. For interrupt exception handling, the start address of the exception handling routine is fetched from the vector table address in the vector table. For the details on calculation of vector table addresses, see table 5.4, Calculating Exception Handling Vector Table Addresses in section 5, Exception Handling. IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0 and 15 for each pin or module by setting interrupt priority registers A to E (IPRA to IPRE). However, when interrupt sources whose priority levels are allocated with the same IPR are requested, the interrupt of the smaller vector number has priority. This priority cannot be changed. Priority levels of IRQ interrupts and on-chip peripheral module interrupts are initialized to level 0 at a power-on reset. If the same priority level is allocated to two or more interrupt sources and interrupts from those sources occur simultaneously, they are processed by the default priority order shown in table 6.2. Table 6.2 Interrupt Exception Handling Vectors and Priorities Interrupt Source Name Vector No. Vector Table Starting Address IPR Default Priority User break 12 H'00000030 High External pin NMI 11 H'0000002C H-UDI 13 H'00000034 External pin IRQ0 64 H'00000100 IPRA15 to IPRA12 IRQ1 65 H'00000104 IPRA11 to IPRA8 IRQ2 66 H'00000108 IPRA7 to IPRA4 IRQ3 67 H'0000010C IPRA3 to IPRA0 IRQ4 80 H'00000140 IPRB15 to IPRB12 IRQ5 81 H'00000144 IPRB11 to IPRB8 IRQ6 82 H'00000148 IPRB7 to IPRB4 IRQ7 83 H'0000014C IPRB3 to IPRB0 WDT ITI 84 H'00000150 IPRC15 to IPRC12 Low |