| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 179 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 179 Page - Renesas Technology Corp |
|
179 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 147 of 610 REJ09B0131-0600 When buffers are placed on the data bus, the RD signal should be used to control the buffers. The RD/ WR signal indicates the same state as a read cycle (driven high) when no access has been carried out. Therefore, care must be taken when controlling the buffers with the RD/ WR signal, to avoid data conflict. Figures 7.4 and 7.5 show the basic timings of normal space consecutive access. If the WM bit in CSnWCR is cleared to 0, a Tnop cycle is inserted to check the external wait (figure 7.4). If the WM bit in CSnWCR is set to 1, an external wait request is ignored and no Tnop cycle is inserted (figure 7.5). CKIO A25 to A0 RD RD/ WR D15 to D0 WEn(BEn) D15 to D0 BS WAIT CSn T1 T2 Tnop T1 T2 Read Write Figure 7.4 Consecutive Access to Normal Space (1): Bus Width = 16 bits, Longword Access, CSnWCR.WM = 0 (Access Wait = 0, Cycle Wait = 0) |