Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 185 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 181Page - Renesas Technology Corp HD6417618 Datasheet HTML 182Page - Renesas Technology Corp HD6417618 Datasheet HTML 183Page - Renesas Technology Corp HD6417618 Datasheet HTML 184Page - Renesas Technology Corp HD6417618 Datasheet HTML 185Page - Renesas Technology Corp HD6417618 Datasheet HTML 186Page - Renesas Technology Corp HD6417618 Datasheet HTML 187Page - Renesas Technology Corp HD6417618 Datasheet HTML 188Page - Renesas Technology Corp HD6417618 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 153 of 610
REJ09B0131-0600
7.5.5
SDRAM Interface
SDRAM Direct Connection: The SDRAM that can be connected to this LSI is a product that has
11/12/13 bits of row address, 8/9/10 bits of column address, 4 or less banks, and uses the A10 pin
for setting precharge mode in read and write command cycles.
The control signals for direct connection of SDRAM are
RAS, CAS, RD/WR, DQMLU, DQMLL,
CKE, and
CS3. Signals other than CKE are valid when CS3 is asserted. SDRAM can be connected
to area 2. The data bus width of the area that is connected to SDRAM can be set to 16 bits.
Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as
the SDRAM operating mode.
Commands for SDRAM can be specified by
RAS, CAS, RD/WR, and specific address signals.
These commands are shown below.
• NOP
• Auto-refreshing (REF)
• Self-refreshing (SELF)
• All banks precharge (PALL)
• Specified bank precharge (PRE)
• Bank active (ACTV)
• Read (READ)
• Read with precharge (READA)
• Write (WRIT)
• Write with precharge (WRITA)
• Write mode register (MRS)
The byte to be accessed is specified by DQMLU and DQMLL. Reading or writing is performed
for a byte whose corresponding DQMxx is low. For details on the relationship between DQMxx
and the byte to be accessed, refer to section 7.5.1, Endian/Access Size and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com