| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 318 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 318 Page - Renesas Technology Corp |
|
318 / 646 page ![]() Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 6.00 Jun. 12, 2007 Page 286 of 610 REJ09B0131-0600 (b) Transmit Descriptor 1 (TD1) TD1 specifies the transmit buffer length (maximum 64 kbytes). Bit Bit Name Initial value R/W Description 31 to 16 TDL All 0 R/W Transmit Buffer Data Length These bits specify the valid transfer byte length in the corresponding transmit buffer. When the one frame/multi-buffer system is specified (TD0 and TFP = 10 or 00), the transfer byte length specified in the descriptors at the start and midway can be set in byte units. 15 to 0 All 0 R Reserved These bits are always read as 0. The write value should always be 0. (c) Transmit Descriptor 2 (TD2) TD2 specifies the 32-bit transmit buffer start address. The transmit buffer start address setting can be aligned with a byte, a word, or a longword boundary. |