| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 324 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 324 Page - Renesas Technology Corp |
|
324 / 646 page ![]() Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 6.00 Jun. 12, 2007 Page 292 of 610 REJ09B0131-0600 1. TFP = 00 or 01 (frame continuation): Descriptor write-back is performed after DMA transfer. 2. TFP = 01 or 11 (frame end): Descriptor write-back is performed after completion of frame transmission. The E-DMAC continues reading descriptors and transmitting frames as long as the setting of the TACT bit in the read descriptors is "active." When a descriptor with an "inactive" TACT bit is read, the E-DMAC resets the transmit request bit (TR) in the transmit register and ends transmit processing (EDTRR). This LSI + memory Transmission flowchart E-DMAC EtherC PHY Transmit FIFO EtherC/E-DMAC initialization Descriptor and transmit buffer setting Transmit directive Descriptor read Descriptor write-back Descriptor write-back Transmission completed Descriptor read Transmit data transfer Frame transmission Transmit data transfer Figure 12.4 Sample Transmission Flowchart |