| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 117 Page - Renesas Technology Corp |
|
117 / 646 page ![]() Section 6 Interrupt Controller (INTC) Rev. 6.00 Jun. 12, 2007 Page 85 of 610 REJ09B0131-0600 6.3.2 IRQ Control Register (IRQCR) IRQCR is a 16-bit register that sets the input signal detection mode of the external interrupt input pins IRQ0 to IRQ7. Bit Bit Name Initial Value R/W Description 15 14 IRQ71S IRQ70S 0 0 R/W R/W IRQ7 Sense Select Set the interrupt request detection mode for pin IRQ7. 00: Interrupt request is detected at the low level of pin IRQ7 01: Interrupt request is detected at the falling edge of pin IRQ7 10: Interrupt request is detected at the rising edge of pin IRQ7 11: Interrupt request is detected at both the falling and rising edges of pin IRQ7 13 12 IRQ61S IRQ60S 0 0 R/W R/W IRQ6 Sense Select Set the interrupt request detection mode for pin IRQ6. 00: Interrupt request is detected at the low level of pin IRQ6 01: Interrupt request is detected at the falling edge of pin IRQ6 10: Interrupt request is detected at the rising edge of pin IRQ6 11: Interrupt request is detected at both the falling and rising edges of pin IRQ6 |