| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 119 Page - Renesas Technology Corp |
|
119 / 646 page ![]() Section 6 Interrupt Controller (INTC) Rev. 6.00 Jun. 12, 2007 Page 87 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 5 4 IRQ21S IRQ20S 0 0 R/W R/W IRQ2 Sense Select Set the interrupt request detection mode for pin IRQ2. 00: Interrupt request is detected at the low level of pin IRQ2 01: Interrupt request is detected at the falling edge of pin IRQ2 10: Interrupt request is detected at the rising edge of pin IRQ2 11: Interrupt request is detected at both the falling and rising edges of pin IRQ2 3 2 IRQ11S IRQ10S 0 0 R/W R/W IRQ1 Sense Select Set the interrupt request detection mode for pin IRQ1. 00: Interrupt request is detected at the low level of pin IRQ1 01: Interrupt request is detected at the falling edge of pin IRQ1 10: Interrupt request is detected at the rising edge of pin IRQ1 11: Interrupt request is detected at both the falling and rising edges of pin IRQ1 1 0 IRQ01S IRQ00S 0 0 R/W R/W IRQ0 Sense Select Set the interrupt request detection mode for pin IRQ0. 00: Interrupt request is detected at the low level of pin IRQ0 01: Interrupt request is detected at the falling edge of pin IRQ0 10: Interrupt request is detected at the rising edge of pin IRQ0 11: Interrupt request is detected at both the falling and rising edges of pin IRQ0 |