Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 121 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 117Page - Renesas Technology Corp HD6417618A Datasheet HTML 118Page - Renesas Technology Corp HD6417618A Datasheet HTML 119Page - Renesas Technology Corp HD6417618A Datasheet HTML 120Page - Renesas Technology Corp HD6417618A Datasheet HTML 121Page - Renesas Technology Corp HD6417618A Datasheet HTML 122Page - Renesas Technology Corp HD6417618A Datasheet HTML 123Page - Renesas Technology Corp HD6417618A Datasheet HTML 124Page - Renesas Technology Corp HD6417618A Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 89 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
7
IRQ7F
0
R/W
Indicates the status of an IRQ7 interrupt request.
• When level detection mode is selected
0: An IRQ7 interrupt has not been detected
[Clearing condition]
Driving pin IRQ7 high
1: An IRQ7 interrupt has been detected
[Setting condition]
Driving pin IRQ7 low
• When edge detection mode is selected
0: An IRQ7 interrupt has not been detected
[Clearing conditions]
 Writing 0 after reading IRQ7F = 1
 Accepting an IRQ7 interrupt
1: An IRQ7 interrupt request has been detected
[Setting condition]
Detecting the specified edge of pin IRQ7
6
IRQ6F
0
R/W
Indicates the status of an IRQ6 interrupt request.
• When level detection mode is selected
0: An IRQ6 interrupt has not been detected
[Clearing condition]
Driving pin IRQ6 high
1: An IRQ6 interrupt has been detected
[Setting condition]
Driving pin IRQ6 low
• When edge detection mode is selected
0: An IRQ6 interrupt has not been detected
[Clearing conditions]
 Writing 0 after reading IRQ6F = 1
 Accepting an IRQ6 interrupt
1: An IRQ6 interrupt request has been detected
[Setting condition]
Detecting the specified edge of pin IRQ6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More