| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 124 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 124 Page - Renesas Technology Corp |
|
124 / 646 page ![]() Section 6 Interrupt Controller (INTC) Rev. 6.00 Jun. 12, 2007 Page 92 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 1 IRQ1F 0 R/W Indicates the status of an IRQ1 interrupt request. • When level detection mode is selected 0: An IRQ1 interrupt has not been detected [Clearing condition] Driving pin IRQ1 high 1: An IRQ1 interrupt has been detected [Setting condition] Driving pin IRQ1 low • When edge detection mode is selected 0: An IRQ1 interrupt has not been detected [Clearing conditions] Writing 0 after reading IRQ1F = 1 Accepting an IRQ1 interrupt 1: An IRQ1 interrupt request has been detected [Setting condition] Detecting the specified edge of pin IRQ1 0 IRQ0F 0 R/W Indicates the status of an IRQ0 interrupt request. • When level detection mode is selected 0: An IRQ0 interrupt has not been detected [Clearing condition] Driving pin IRQ0 high 1: An IRQ0 interrupt has been detected [Setting condition] Driving pin IRQ0 low • When edge detection mode is selected 0: An IRQ0 interrupt has not been detected [Clearing conditions] Writing 0 after reading IRQ0F = 1 Accepting an IRQ0 interrupt 1: An IRQ0 interrupt request has been detected [Setting condition] Detecting the specified edge of pin IRQ0 |