| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 122 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 122 Page - Renesas Technology Corp |
|
122 / 646 page ![]() Section 6 Interrupt Controller (INTC) Rev. 6.00 Jun. 12, 2007 Page 90 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 5 IRQ5F 0 R/W Indicates the status of an IRQ5 interrupt request. • When level detection mode is selected 0: An IRQ5 interrupt has not been detected [Clearing condition] Driving pin IRQ5 high 1: An IRQ5 interrupt has been detected [Setting condition] Driving pin IRQ5 low • When edge detection mode is selected 0: An IRQ5 interrupt has not been detected [Clearing conditions] Writing 0 after reading IRQ5F = 1 Accepting an IRQ5 interrupt 1: An IRQ5 interrupt request has been detected [Setting condition] Detecting the specified edge of pin IRQ5 4 IRQ4F 0 R/W Indicates the status of an IRQ4 interrupt request. • When level detection mode is selected 0: An IRQ4 interrupt has not been detected [Clearing condition] Driving pin IRQ4 high 1: An IRQ4 interrupt has been detected [Setting condition] Driving pin IRQ4 low • When edge detection mode is selected 0: An IRQ4 interrupt has not been detected [Clearing conditions] Writing 0 after reading IRQ4F = 1 Accepting an IRQ4 interrupt 1: An IRQ4 interrupt request has been detected [Setting condition] Detecting the specified edge of pin IRQ4 |