Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 331 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 327Page - Renesas Technology Corp H8S/2454 Datasheet HTML 328Page - Renesas Technology Corp H8S/2454 Datasheet HTML 329Page - Renesas Technology Corp H8S/2454 Datasheet HTML 330Page - Renesas Technology Corp H8S/2454 Datasheet HTML 331Page - Renesas Technology Corp H8S/2454 Datasheet HTML 332Page - Renesas Technology Corp H8S/2454 Datasheet HTML 333Page - Renesas Technology Corp H8S/2454 Datasheet HTML 334Page - Renesas Technology Corp H8S/2454 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 301 of 1342
REJ09B0467-0100
If an external bus release request and external access occur simultaneously, the order of priority is
as follows:
(High) External bus release > External access by internal bus master (Low)
If a refresh request and external bus release request occur simultaneously, the order of priority is
as follows:
(High) Refresh > External bus release (Low)
6.12.2
Pin States in External Bus Released State
Table 6.14 shows pin states in the external bus released state.
Table 6.14
Pin States in Bus Released State
Pins
Pin State
A23 to A0
High impedance
D15 to D0
High impedance
CSn (n = 7 to 0)
High impedance
UCAS, LCAS
High impedance
AS/AH
High impedance
RD
High impedance
OE
High impedance
HWR, LWR
High impedance
DACKn (n = 1, 0)
High
EDACKn (n = 3, 2)
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More