Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 60 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 56Page - Renesas Technology Corp H8S/2454 Datasheet HTML 57Page - Renesas Technology Corp H8S/2454 Datasheet HTML 58Page - Renesas Technology Corp H8S/2454 Datasheet HTML 59Page - Renesas Technology Corp H8S/2454 Datasheet HTML 60Page - Renesas Technology Corp H8S/2454 Datasheet HTML 61Page - Renesas Technology Corp H8S/2454 Datasheet HTML 62Page - Renesas Technology Corp H8S/2454 Datasheet HTML 63Page - Renesas Technology Corp H8S/2454 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 30 of 1342
REJ09B0467-0100
Pin No.
H8S/2456, H8S/2456R
H8S/2454
Type
Symbol
144-Pin
145-Pin
120-Pin
I/O
Function
Data bus
D15 to D0
80 to 73,
71,
69 to 63
K11, K12,
L13, L11,
M12, L12,
N13, M13,
N11, M11,
N10, L9,
M10, N9,
K10, L8
68 to 61,
59,
57 to 51
Input/
output
These pins constitute a bidirectional
data bus. When an address/data
multiplexed I/O space is accessed,
an address is also output.
Address/
data
multiplexed
bus
AD15 to
AD0
80 to 73,
71,
69 to 63
K11, K12,
L13, L11,
M12, L12,
N13, M13,
N11, M11,
N10, L9,
M10, N9,
K10, L8
68 to 61,
59,
57 to 51
Input/
output
These pins output an address, and
input or output data.
Bus
control
CS7 to
CS0
38 to 35,
110 to 107
M2, N2,
M1,
L1, A13,
A12, B13,
C12
29, 71, 70,
106,
92 to 89
Output Signals that select division areas 7 to
0 in the external address space
AS
90
G10
75
Output When this pin is low, it indicates that
address output on the address bus is
valid.
AH
90
G10
75
Output Signal for holding the address when
an address/data multiplexed I/O
space is being accessed.
RD
89
G12
74
Output When this pin is low, it indicates that
the external address space is being
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com