Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 80 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 76Page - Renesas Technology Corp H8S/2454 Datasheet HTML 77Page - Renesas Technology Corp H8S/2454 Datasheet HTML 78Page - Renesas Technology Corp H8S/2454 Datasheet HTML 79Page - Renesas Technology Corp H8S/2454 Datasheet HTML 80Page - Renesas Technology Corp H8S/2454 Datasheet HTML 81Page - Renesas Technology Corp H8S/2454 Datasheet HTML 82Page - Renesas Technology Corp H8S/2454 Datasheet HTML 83Page - Renesas Technology Corp H8S/2454 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1376 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 50 of 1342
REJ09B0467-0100
2.4
Registers
The H8S/2600 CPU has the internal registers shown in figure 2.6. There are two types of registers:
general registers and control registers. Control registers are a 24-bit program counter (PC), an 8-
bit extended register (EXR), an 8-bit condition code register (CCR), and a 64-bit multiply-
accumulate register (MAC).
TI2 I1 I0
EXR
76543210
PC
MACH
MACL
MAC
23
63
32
41
31
0
0
15
0 7
0 7
0
E0
E1
E2
E3
E4
E5
E6
E7
R0H
R1H
R2H
R3H
R4H
R5H
R6H
R7H
R0L
R1L
R2L
R3L
R4L
R5L
R6L
R7L
SP
PC
EXR
T
I2 to I0
CCR
I
UI
: Stack pointer
: Program counter
: Extended register
: Trace bit
: Interrupt mask bits
: Condition-code register
: Interrupt mask bit
: User bit or interrupt mask bit*
: Half-carry flag
: User bit
: Negative flag
: Zero flag
: Overflow flag
: Carry flag
: Multiply-accumulate register
ER0
ER1
ER2
ER3
ER4
ER5
ER6
ER7 (SP)
IUI H U N ZV C
CCR
76543210
H
U
N
Z
V
C
MAC
General Registers (Rn) and Extended Registers (En)
Control Registers (CR)
Legend:
Sign extension
----
Note: * UI cannot be used as an interrupt mask bit in this LSI.
Figure 2.6 CPU Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More