| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 76 Page - Renesas Technology Corp |
|
76 / 1376 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 46 of 1342 REJ09B0467-0100 H'0000 H'0001 H'0002 H'0003 H'0004 H'0005 H'0006 H'0007 H'0008 H'0009 H'000A H'000B Reset exception vector (Reserved for system use) (Reserved for system use) Exception vector 1 Exception vector 2 Exception vector table Figure 2.1 Exception Vector Table (Normal Mode) PC (16 bits) EXR* 1 Reserved* 1 *3 CCR CCR* 3 PC (16 bits) SP SP (SP* 2 1. When EXR is not used, it is not stored on the stack. 2. SP when EXR is not used. 3. lgnored when returning. Notes: (b) Exception Handling (a) Subroutine Branch ) Figure 2.2 Stack Structure in Normal Mode |