Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 48 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 44Page - Renesas Technology Corp H8S/2454 Datasheet HTML 45Page - Renesas Technology Corp H8S/2454 Datasheet HTML 46Page - Renesas Technology Corp H8S/2454 Datasheet HTML 47Page - Renesas Technology Corp H8S/2454 Datasheet HTML 48Page - Renesas Technology Corp H8S/2454 Datasheet HTML 49Page - Renesas Technology Corp H8S/2454 Datasheet HTML 50Page - Renesas Technology Corp H8S/2454 Datasheet HTML 51Page - Renesas Technology Corp H8S/2454 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 18 of 1342
REJ09B0467-0100
Pin No.
Pin Name
Mode 7
144-Pin*
4
145-Pin*
5
(in planning)
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Flash
Memory
Programme
r Mode
61
M8
P85/
IRQ5-B/
PO5-B/
TIOCB4-B/
TMO1-B/SCK3/
EDACK3
P85/
IRQ5-B/
PO5-B/
TIOCB4-B/
TMO1-B/SCK3/
EDACK3
P85/
IRQ5-B/
PO5-B/
TIOCB4-B/
TMO1-B/SCK3/
EDACK3
P85/
IRQ5-B/
PO5-B/
TIOCB4-B/
TMO1-B/SCK3/
EDACK3
P85/
IRQ5-B/
PO5-B/
TIOCB4-B/
TMO1-B/SCK3
NC
62
L9
PJ2*
2/BSCANE*3 PJ2*2/BSCANE*3 PJ2*2/BSCANE*3 PJ2*2/BSCANE*3 PJ2*2/BSCANE*3 NC
63
K9
PE0/D0/AD0
PE0/D0/AD0
PE0/D0/AD0
PE0/D0/AD0
PE0
NC
64
N9
PE1/D1/AD1
PE1/D1/AD1
PE1/D1/AD1
PE1/D1/AD1
PE1
NC
65
M9
PE2/D2/AD2
PE2/D2/AD2
PE2/D2/AD2
PE2/D2/AD2
PE2
NC
66
L10
PE3/D3/AD3
PE3/D3/AD3
PE3/D3/AD3
PE3/D3/AD3
PE3
NC
67
K10
PE4/D4/AD4
PE4/D4/AD4
PE4/D4/AD4
PE4/D4/AD4
PE4
NC
68
N10
PE5/D5/AD5
PE5/D5/AD5
PE5/D5/AD5
PE5/D5/AD5
PE5
NC
69
M10
PE6/D6/AD6
PE6/D6/AD6
PE6/D6/AD6
PE6/D6/AD6
PE6
NC
70
M11
Vss
Vss
Vss
Vss
Vss
Vss
71
N11
D7/AD7
PE7/D7/AD7
PE7/D7/AD7
PE7/D7/AD7
PE7
NC
72
N12
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
73
M13
D8/AD8
D8/AD8
D8/AD8
D8/AD8
PD0
I/O0
74
N13
D9/AD9
D9/AD9
D9/AD9
D9/AD9
PD1
I/O1
75
L12
D10/AD10
D10/AD10
D10/AD10
D10/AD10
PD2
I/O2
76
M12
D11/AD11
D11/AD11
D11/AD11
D11/AD11
PD3
I/O3
77
L11
D12/AD12
D12/AD12
D12/AD12
D12/AD12
PD4
I/O4
78
L13
D13/AD13
D13/AD13
D13/AD13
D13/AD13
PD5
I/O5
79
K12
D14/AD14
D14/AD14
D14/AD14
D14/AD14
PD6
I/O6
80
K11
D15/AD15
D15/AD15
D15/AD15
D15/AD15
PD7
I/O7
81
J12
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
NC
82
K13
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
NC
83
J10
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
NC
84
J11
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
ADTRG0-B/
SCS0-C
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More