Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 353 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 349Page - Renesas Technology Corp H8S/2454 Datasheet HTML 350Page - Renesas Technology Corp H8S/2454 Datasheet HTML 351Page - Renesas Technology Corp H8S/2454 Datasheet HTML 352Page - Renesas Technology Corp H8S/2454 Datasheet HTML 353Page - Renesas Technology Corp H8S/2454 Datasheet HTML 354Page - Renesas Technology Corp H8S/2454 Datasheet HTML 355Page - Renesas Technology Corp H8S/2454 Datasheet HTML 356Page - Renesas Technology Corp H8S/2454 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 323 of 1342
REJ09B0467-0100
Legend:
×: Don’t care
Note:
* This setting is prohibited when the USBDRQE bit in PFCR3 is 1.
7.3.5
DMA Band Control Registers H and L (DMABCRH and DMABCRL)
DMABCR controls the operation of each DMAC channel. The bit functions in the DMABCR
registers differ according to the transfer mode.
(1) Short Address Mode:
•
DMABCRH
Bit
Bit Name
Initial Value
R/W
Description
15
FAE1
0
R/W
Full Address Enable 1
Specifies whether channel 1 is to be used in short
address mode or full address mode. In short
address mode, channels 1A and 1B can be used
as independent channels.
0: Short address mode
1: Full address mode
14
FAE0
0
R/W
Full Address Enable 0
Specifies whether channel 0 is to be used in short
address mode or full address mode. In short
address mode, channels 0A and 0B can be used
as independent channels.
0: Short address mode
1: Full address mode
13
SAE1
0
R/W
Single Address Enable 1
Specifies whether channel 1B is to be used for
transfer in dual address mode or single address
mode. This bit is invalid in full address mode.
0: Dual address mode
1: Single address mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com