Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 414 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 410Page - Renesas Technology Corp H8S/2454 Datasheet HTML 411Page - Renesas Technology Corp H8S/2454 Datasheet HTML 412Page - Renesas Technology Corp H8S/2454 Datasheet HTML 413Page - Renesas Technology Corp H8S/2454 Datasheet HTML 414Page - Renesas Technology Corp H8S/2454 Datasheet HTML 415Page - Renesas Technology Corp H8S/2454 Datasheet HTML 416Page - Renesas Technology Corp H8S/2454 Datasheet HTML 417Page - Renesas Technology Corp H8S/2454 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 384 of 1342
REJ09B0467-0100
7.5.16
Clearing Full Address Mode
Figure 7.37 shows the procedure for releasing and initializing a channel designated for full address
mode. After full address mode has been cleared, the channel can be set to another transfer mode
using the appropriate setting procedure.
Clearing full
address mode
Stop the channel
Initialize DMACR
Clear FAE bit to 0
Initialization;
operation halted
[1]
[2]
[3]
[1] Clear both the DTE bit and DTME bit in
DMABCRL to 0, or wait until the transfer ends
and the DTE bit is cleared to 0, then clear the
DTME bit to 0. Also clear the corresponding
DTIE bit to 0 at the same time.
[2] Clear all bits in DMACRA and DMACRB to 0.
[3] Clear the FAE bit in DMABCRH to 0.
Figure 7.37 Example of Procedure for Clearing Full Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More