Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 420 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 416Page - Renesas Technology Corp H8S/2454 Datasheet HTML 417Page - Renesas Technology Corp H8S/2454 Datasheet HTML 418Page - Renesas Technology Corp H8S/2454 Datasheet HTML 419Page - Renesas Technology Corp H8S/2454 Datasheet HTML 420Page - Renesas Technology Corp H8S/2454 Datasheet HTML 421Page - Renesas Technology Corp H8S/2454 Datasheet HTML 422Page - Renesas Technology Corp H8S/2454 Datasheet HTML 423Page - Renesas Technology Corp H8S/2454 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 390 of 1342
REJ09B0467-0100
When the DMAC is activated, take any necessary steps to prevent an internal interrupt or
DREQ
pin low level remaining from the end of the previous transfer, etc.
(7) Internal Interrupt after End of Transfer
When the DTE bit in DMABCRL is cleared to 0 at the end of a transfer or by a forcible
termination, the selected internal interrupt request will be sent to the CPU or DTC even if the
DTA bit in DMABCRH is set to 1.
Also, if internal DMAC activation has already been initiated when operation is forcibly
terminated, the transfer is executed but flag clearing is not performed for the selected internal
interrupt even if the DTA bit is set to 1.
An internal interrupt request following the end of transfer or a forcible termination should be
handled by the CPU as necessary.
(8) Channel Re-Setting
To reactivate a number of channels when multiple channels are enabled, use exclusive handling of
transfer end interrupts, and perform DMABCR control bit operations exclusively.
Note, in particular, that in cases where multiple interrupts are generated between reading and
writing of DMABCR, and a DMABCR operation is performed during new interrupt handling, the
DMABCR write data in the original interrupt handling routine will be incorrect, and the write may
invalidate the results of the operations by the multiple interrupts. Ensure that overlapping
DMABCR operations are not performed by multiple interrupts, and that there is no separation
between read and write operations by the use of a bit-manipulation instruction.
Also, when the DTE and DTME bits are cleared by the DMAC or are written with 0, they must
first be read while cleared to 0 before the CPU can write 1 to them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com