Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 465 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 461Page - Renesas Technology Corp H8S/2454 Datasheet HTML 462Page - Renesas Technology Corp H8S/2454 Datasheet HTML 463Page - Renesas Technology Corp H8S/2454 Datasheet HTML 464Page - Renesas Technology Corp H8S/2454 Datasheet HTML 465Page - Renesas Technology Corp H8S/2454 Datasheet HTML 466Page - Renesas Technology Corp H8S/2454 Datasheet HTML 467Page - Renesas Technology Corp H8S/2454 Datasheet HTML 468Page - Renesas Technology Corp H8S/2454 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 435 of 1342
REJ09B0467-0100
8.4.10
EXDMAC Bus Cycles (Single Address Mode)
(1) Single Address Mode (Read)
Figure 8.22 shows an example of transfer when
ETEND output is enabled, and byte-size, single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.
RD
ETEND
Address bus
φ
Bus release
Bus release
Bus release
Last
transfer
cycle
DMA read
EDACK
DMA read
DMA read
DMA read
Bus release
Bus release
Figure 8.22 Example of Single Address Mode (Byte Read) Transfer
Figure 8.23 shows an example of transfer when
ETEND output is enabled, and word-size, single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com