Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 475 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 471Page - Renesas Technology Corp H8S/2454 Datasheet HTML 472Page - Renesas Technology Corp H8S/2454 Datasheet HTML 473Page - Renesas Technology Corp H8S/2454 Datasheet HTML 474Page - Renesas Technology Corp H8S/2454 Datasheet HTML 475Page - Renesas Technology Corp H8S/2454 Datasheet HTML 476Page - Renesas Technology Corp H8S/2454 Datasheet HTML 477Page - Renesas Technology Corp H8S/2454 Datasheet HTML 478Page - Renesas Technology Corp H8S/2454 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 445 of 1342
REJ09B0467-0100
(3) External Request/Cycle Steal Mode/Normal Transfer Mode
In external request mode, an EXDMA transfer cycle is started a minimum of three cycles after a
transfer request is accepted. The next transfer request is accepted after the end of a one-transfer-
unit EXDMA cycle. For external bus space CPU cycles, at least two bus cycles are generated
before the next EXDMA cycle.
If a transfer request is generated for another channel, an EXDMA cycle for the other channel is
generated before the next EXDMA cycle.
The
EDREQ pin sensing timing is different for low level sensing and falling edge sensing. The
same applies to transfer request acceptance and transfer start timing.
Figures 8.35 to 8.38 show operation timing examples for various conditions.
φ pin
EDREQ
EDRAK
ETEND
Bus cycle
EDA bit
Bus release
Bus release
Bus release
EXDMA
read
EXDMA
write
EXDMA
read
EXDMA
write
0
1
Last transfer cycle
3 cycles
Figure 8.35 External Request/Cycle Steal Mode/Normal Transfer Mode
(No Contention/Dual Address Mode/Low Level Sensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com